Part Number Hot Search : 
MLL5238A GUF15B D308MS 6SH220M NJL0302D P3NA60 DE1E3K ECN3067
Product Description
Full Text Search
 

To Download SMA4949A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMA4949A
SURFACE MOUNT ZENER TYPE
VOLTAGE 24V 2.0 Watts Surface Mount Zener Diode
SMA/DO-214AC
.055(1.40) .062(1.60) .098(2.50) .114(2.90)
.157(4.00) .181(4.60)
.006(.152) .012(.305)
.078(2.00) .096(2.44) .030(0.76) .060(1.52) .004(.102) .008(.203)
.188(4.80) .208(5.28)
Dimensions in inches and (millimeters)
FEATURES
For surface mounted applications 2.0 W power dissipation Ideally suited for automated assembly processes
MECHANICAL DATA
Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals:Solderable per MIL-STD-750 method 2026 Polarity: Cathode band Mounting position: Any
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
o
Rating 25 ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20. CHARACTERISTICS Zener Current(see page1) Forward Voltage @ IF=200mA Max. Steady State Power Dissipation @ TL=100,Lead Length=1mm Typical Thermal Resistnace(Note1) Operating Temperature Range Storage Temperature Range NOTES: 1. Thermal Resistance Junction to Lead/Ambient. 2. The type number listed have a standard tolerance on the nominal zener voltage of 5%
Nominal Zener Voltage ZENER 2W SERIES VZ@IZT (V) SMA4949 24 IZT (mA) 20.8 ZZT@IZ () 13 Maximum Zener ZZK@IZ () 750 IZK (mA) 0.25 (uA) 0.5 Maximum Reverse Leakage Current IR@VR (V) 18.2 Maximum DC Zener Current IZM (mA) 76
SYMBOLS IZM VF Pd RthjL Rthja TJ TSTG
VALUE Pd / Vz 1.2 2 20 80 -55 to +150 -55 to +150
UNIT mA Volts W /W
www.paceleader.tw
1
SMA4949A
SURFACE MOUNT ZENER TYPE
VOLTAGE 24V 2.0 Watts Surface Mount Zener Diode
FIG. 1- MAXIMUM CONTINUOUS POWER DISSIPATION
PM (AV) AVE PAGE POWER DISSIPATION (W) Vz TEMPERATURE COEFFICIENT (mV/) 2.0
FIG. 2-TYPICAL TEMPERATURE COEFFICIENTS
50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 Vz, ZENER VOLTAGE (V)
1.5
1.0
0.5
0.0 25 50 75 100 125 150 175
LEAD TEMPERATURE ()
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
10
1
Tj=25 Pulse Width 300us 2% Duty Cycle
0.1 0.5 0.7 0.9 1.1 1.3 1.5
INSTANTANEOUS FORWARD COLTAGE , VOLTS
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of SMA4949A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X